Part Number Hot Search : 
2N500402 M5300 SZN4460 AK8128S STK5332 MA46H204 KRF2805S 16608
Product Description
Full Text Search
 

To Download NRSG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature Aluminum Electrolytic Capacitors
ULTRA LOW IMPEDANCE, RADIAL LEADS, POLARIZED, ALUMINUM ELECTROLYTIC FEATURES * VERY LOW IMPEDANCE includes all homogeneous materials * LONG LIFE AT 105C (2000 ~ 4000 hrs.) *See Part Number System for Details * HIGH STABILITY AT LOW TEMPERATURE * IDEALLY FOR SWITCHING POWER SUPPLIES & CONVERTORS CHARACTERISTICS
Rated Voltage Range Capacitance Range Operating Temperature Range Capacitance Tolerance Maximum Leakage Current After 2 Minutes at 20C 6.3 ~ 100Vdc 6.8 ~ 6,800F -40C ~ +105C 20% (M) 0.01CV or 3A whichever is greater W.V. (Vdc) S.V. (Vdc) C < 1,000F C = 1,200F C = 1,500F C = 1,800F C = 2,200F C = 2,700F C = 3,300F C = 3,900F C = 4,700F C = 5,600F C = 6,800F Z-25C/Z+20C Z-40C/Z+20C Capacitance Change Tan Leakage Current
NRSG Series
RoHS Compliant
Max. Tan at 120Hz/20C
6.3 8 0.22 0.22 0.22 0.22 0.24 0.24 0.26 0.26 0.28 0.30 0.32
10 13 0.19 0.19 0.19 0.19 0.21 0.21 0.23 0.23 0.27 -
16 20 0.16 0.16 0.16 0.16 0.18 0.18 0.20 -
25 32 0.14 0.14 0.14 0.14 0.16 2 3
35 44 0.12 0.12 0.12 -
50 63 0.10 -
63 79 0.09 -
100 125 0.08 -
Low Temperature Stability Impedance Ratio @ 120Hz Load Life Test at Rated W.V. & 105C 2,000 Hrs. 5 ~ 6.3mm Dia. 3,000 Hrs 8mm Dia. 4,000 Hrs 10 ~ 12.5mm Dia. 5,000 Hrs 16 ~ 18mm Dia.
Within 25% of initial measured value Less than 200% of specified value Less than specified value
PART NUMBER SYSTEM
NRSG 102 M 25V 10X20 TB F
RoHS Compliant TB = Tape & Box*
Case Size (mm) Working Voltage Tolerance Code M=20%, K=10% Capacitance Code in F Series *see tape specification for details
(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
138
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Miniature Aluminum Electrolytic Capacitors
MAXIMUM IMPEDANCE (m AT 100KHz/20C)
Cap (F) 6.8 15 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 6.3 300 130 72 56 53 41 38 23 23 21 18 16 18 16 10 300 130 72 56 53 41 38 23 23 21 18 16 18 16 Working Voltage (Vdc) 16 25 35 50 340 300 300 140 300 130 130 72 56 53 41 38 23 23 21 18 16 18 16 130 72 56 53 41 38 23 23 21 18 16 18 16 72 56 53 41 38 23 22 21 18 16 18 16 74 61 61 46 42 30 28 27 28 21 23 21 63 880 350 220 160 150 120 110 80 82 73 60 43 39 45 33 32 29 38 26 31 21 25 19 20 18 100 1400 570 360 250 240 190 180 130 130 120 94 71 63 71 52 53 69 46 41 49 33 39 30 31 28 Cap (F) 6.8 15 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 6.3 250 405 760 995 1030 10 250 405 760 -
NRSG Series
MAXIMUM RIPPLE CURRENT (mA AT 100KHz/105C)
Working Voltage (Vdc) 16 25 35 50 238 250 250 385 250 405 405 760 995 1030 63 100 125 165 205 355 265 450 450 500 565 580 665 750 685 735 880 405 724 820 950 1045 945 760 979 1100 1190 1195 1135 1410 995 760 1370 1300 1295 1030 1560 1250 1580 1495 1600 1470 995 1430 1870 1850 1700 1030 1750 1620 2250 1890 1250 1820 2050 1990 1775 1430 2450 2080 2150 2410 2550 2060 2780 2570 1820 2360 2360 2450 2810 1820 2730 2780 2835 2360 2770 3010 3270 3340 3290 3310 3140 3420 2770 3290 3460 3140 -
995 1250 1030 1430 -
1250 1820 1430
1250 1820 1820 1430 1820 1820 2360 -
1820 2360 2770 3290 3460 3140 2360 2770 3290 2770 3460 3140 3290 3140 3460 3460 -
(R)
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
139
Miniature Aluminum Electrolytic Capacitors
STANDARD PRODUCT AND CASE SIZE TABLE D x L (mm)
Cap (F) 6.8 15 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 Code 6R8 150 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 182 222 272 332 392 472 562 682 6.3 5x11 6.3x11 10 5x11 6.3x11 Working Voltage (Vdc) 25 35 50 5x11 5x11 5x11 6.3x11 5x11 6.3x11 16 6.3x11 8x11.5 6.3x11 8x11.5 8x15 10x12.5 8x12.5 8x15 10x12.5 8x20 10x16 63 5x11 6.3x11 8x11.5 8x16 10x12.5 8x12.5 8x20 8x15 10x16 10x12.5 10x20 8x20 12.5x16 10x16 10x20 10x23 10x23 100 5x11 6.3x11 8x11.5 8x16 10x12.5 8x20 10x16 10x20 12.5x16 10x23 12.5x20 12.5x25
NRSG Series
12.5x30 16x20 12.5x35 12.5x20 16x25 18x20 12.5x25 12.5x40 -
16x31.5 18x25 12.5x30 16x35.5 8x15 8x20 8x11.5 10x20 12.5x20 16x20 18x31.5 10x12.5 10x16 12.5x35 16x40 8x11.5 10x23 12.5x25 16x25 18x35.5 8x15 8x20 12.5x40 10x20 12.5x20 12.5x30 18x40 18x20 10x12.5 10x16 16x31.5 8x15 10x20 16x21 18x25 8x20 16x35.5 10x12.5 10x20 12.5x20 12.5x25 16x25 18x31.5 10x16 8x20 12.5x30 16x40 10x20 10x20 18x35.5 10x16 16x21 18x40 10x20 10x20 12.5x20 12.5x25 12.5x30 16x25 16x21 10x20 12.5x20 12.5x25 12.5x30 16x25 16x21 12.5x20 12.5x25 12.5x30 12.5x25 16x25 16x21 12.5x30 16x21 16x25 16x25 Polarity Marking Insulation Sleeve d 0.05
DIAMETER AND LEADSPACE (mm)
Case Dia. (D) Lead Dia. (d) Lead Spacing (F) Dim. 5 0.5 2.0 0.5 6.3 0.5 2.5 0.5 8 0.6 3.5 0.5 10 0.6 5.0 0.5 12.5 12.5x30 0.6 0.8 5.0 5.0 0.5 0.5 16 0.8 7.5 0.5 18 0.8 7.5 0.5
F 0.5
= L < 20mm = 1.5mm, L > 20mm = 2.0mm (R)
L + max.
15mm Min.
4mm Min.
D
140
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com


▲Up To Search▲   

 
Price & Availability of NRSG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X